Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW CR7P-LRLT-HPJR-1 Datasheet (PDF) - ams-OSRAM AG

LUW CR7P-LRLT-HPJR-1 Datasheet PDF - ams-OSRAM AG
Part # LUW CR7P-LRLT-HPJR-1
Download  LUW CR7P-LRLT-HPJR-1 Download
File Size   5101.45 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® SSL 80

LUW CR7P-LRLT-HPJR-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LUW CR7P-LRLT-HPJR-1 Datasheet PDF - ams-OSRAM AG

Part # LUW CR7P-LRLT-HPJR-1
Download  LUW CR7P-LRLT-HPJR-1 Click to download

File Size   5101.45 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® SSL 80

LUW CR7P-LRLT-HPJR-1 Datasheet (HTML) - ams-OSRAM AG


LUW CR7P-LRLT-HPJR-1 Product details

Features:
• Package: SMT ceramic package with silicone resin
and silicone lens
• Viewing angle at 50 % IV: 80°
• Color: 5700 K - 7500 K (streetwhite)
• CRI: typ. 70
• Luminous Flux: typ. 144 lm
• Luminous efficacy: typ. 139 lm/W
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available
Applications
• Industrial lighting
• Marker lights (e.g. steps, exit ways, etc.)
• Outdoor lighting
• Street and tunnel lighting




Similar Part No. - LUW CR7P-LRLT-HPJR-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LUW CR7P-LSLU-MMMW-1 AMSOSRAM-LUW CR7P-LSLU-MMMW-1 Datasheet
4Mb / 24P
OSLON® SSL 80
2018-05-10
LUW CR7P-LTMP-MCML-1 AMSOSRAM-LUW CR7P-LTMP-MCML-1 Datasheet
4Mb / 24P
OSLON® SSL 80
2018-05-10
LUW CR7P-LTMP-MMMW-1 AMSOSRAM-LUW CR7P-LTMP-MMMW-1 Datasheet
4Mb / 24P
OSLON® SSL 80
2018-05-10
More results


Similar Description - LUW CR7P-LRLT-HPJR-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GACS8PM1.23 OSRAM-GACS8PM1.23 Datasheet
1Mb / 22P
OSLON SSL 80
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
LUWCR7P OSRAM-LUWCR7P_17 Datasheet
3Mb / 24P
OSLON SSL 80
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
OSLON SSL 80
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com